Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE9113 Fiches technique(PDF) 54 Page - Analog Devices

No de pièce ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Fiches technique(HTML) 54 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 47Page - Analog Devices ADE9113 Datasheet HTML 48Page - Analog Devices ADE9113 Datasheet HTML 49Page - Analog Devices ADE9113 Datasheet HTML 50Page - Analog Devices ADE9113 Datasheet HTML 51Page - Analog Devices ADE9113 Datasheet HTML 52Page - Analog Devices ADE9113 Datasheet HTML 53Page - Analog Devices ADE9113 Datasheet HTML 54Page - Analog Devices ADE9113 Datasheet HTML 55Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
REGISTER DETAILS
analog.com
Rev. A | 54 of 55
Table 20. Register Details (Continued)
Addr
Name
Bits Bit Name
Settings Description
Reset Access
0x077
UNIQUE_PART_ID_3
[7:0] UNIQUE_PART_ID[31:24]
Unique Part ID.
0xX1
R
0x078
UNIQUE_PART_ID_2
[7:0] UNIQUE_PART_ID[23:16]
Unique Part ID.
0xX1
R
0x079
UNIQUE_PART_ID_1
[7:0] UNIQUE_PART_ID[15:8]
Unique Part ID.
0xX1
R
0x07A
UNIQUE_PART_ID_0
[7:0] UNIQUE_PART_ID[7:0]
Unique Part ID.
0xX1
R
0x07D
SILICON_REVISION
[7:4] NONISO_CHIP_REV
Silicon Revision for NONISO Chip.
0x32
R
[3:0] ISO_CHIP_REV
Silicon Revision for ISO Chip.
0x22
R
0x07E
VERSION_PRODUCT
[7:0] VERSION_PRODUCT
Version Product.
0xX3
R
0
ADE9113.
1
ADE9112.
3
ADE9103.
0x0CC
DC_OFFSET_MODE
[7:0] DC_OFFSET_MODE
DC Offset Mode. This mode enables the current channel input
short. To short the inputs, write a 1 to the register. To disable
the short, write a 0. This register must first be unlocked with the
CONFIG_ISO_ACC register.
1 The default value is unique to every individual IC.
2 Subject to change with each silicon revision.
3 Default value follows product version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55