Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE9113 Fiches technique(PDF) 46 Page - Analog Devices

No de pièce ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Fiches technique(HTML) 46 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 42Page - Analog Devices ADE9113 Datasheet HTML 43Page - Analog Devices ADE9113 Datasheet HTML 44Page - Analog Devices ADE9113 Datasheet HTML 45Page - Analog Devices ADE9113 Datasheet HTML 46Page - Analog Devices ADE9113 Datasheet HTML 47Page - Analog Devices ADE9113 Datasheet HTML 48Page - Analog Devices ADE9113 Datasheet HTML 49Page - Analog Devices ADE9113 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
LAYOUT GUIDELINES
analog.com
Rev. A | 46 of 55
For detailed information on the layout guidelines to follow when us-
ing the ADE9103/ADE9112/ADE9113, go to the ADE9113 product
page.
ADE9113 EVALUATION BOARD
An evaluation board built upon the ADE9113 allows users to quickly
evaluate this IC. It is used in conjunction with the system demon-
stration platform (EVAL-SDP-CB1Z) or an external MCU board.
Users must order both the EVAL-ADE9113KTZ evaluation board
and the system demonstration platform from the ADE9113 product
page to evaluate the ADE9103, ADE9112 and/or ADE9113. The
features of the ADE9113 are similar to the ADE9103 and ADE9112;
therefore, the EVAL-ADE9113KTZ can be used to evaluate all three
ICs.
HARDWARE IDENTIFIERS
VERSION_PRODUCT Address 0x07E identifies the version of
the ADE9103/ADE9112/ADE9113, SILICON_REVISION Address
0x07D identifies the version of the ADE9103/ADE9112/ADE9113,
and UNIQUE_PART_ID_x Address 0x075 to Address 0x07A identi-
fy the ID of the ADE9103/ADE9112/ADE9113.
The UNIQUE_PART_ID_5 to UNIQUE_PART_ID_0 registers are a
48-bit unique ID number for each device, which enables traceability
of all devices even after these devices are deployed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55