| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE9178 Fiches technique(PDF) 82 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE9178 Fiches technique(HTML) 82 Page - Analog Devices |
|
82 / 122 page ![]() Data Sheet ADE9178 REGISTER DETAILS: ADE9178 analog.com Rev. A | 82 of 122 Table 34. ADE9178 Register Details (Continued) Addr Name Bits Bit Name Settings Description Reset Access Synchronize RMSHALF calculation with user-defined half period value. 3 BI_RMSHALF_MODE_SEL BIRMSHALF Mode Selection. Set this bit to calculate BIRMSHALF based on USER_PERIOD_HALF or else synchronize with zero crossings of BI channel. 0x0 R/W 0 Synchronized with Zero Crossing. Synchronize RMSHALF calculation with zero crossings of the channel. 1 Synchronized with User- Defined Half Period Value. Synchronize RMSHALF calculation with user-defined half period value. 2 BV_RMSHALF_MODE_SEL BVRMSHALF Mode Selection. Set this bit to calculate BVRMSHALF based on USER_PERIOD_HALF or else synchronize with zero crossings of BV channel. 0x0 R/W 0 Synchronized with Zero Crossing. Synchronize RMSHALF calculation with zero crossings of the channel. 1 Synchronized with User- Defined Half Period Value. Synchronize RMSHALF calculation with user-defined half period value. 1 AI_RMSHALF_MODE_SEL AIRMSHALF Mode Selection. Set this bit to calculate AIRMSHALF based on USER_PERIOD_HALF or else synchronize with zero crossings of AI channel. 0x0 R/W 0 Synchronized with Zero Crossing. Synchronize RMSHALF calculation with zero crossings of the channel. 1 Synchronized with User- Defined Half Period Value. Synchronize RMSHALF calculation with user-defined half period value. 0 AV_RMSHALF_MODE_SEL AVRMSHALF Mode Selection. Set this bit to calculate AVRMSHALF based on USER_PERIOD_HALF or else synchronize with zero crossings of AV channel. 0x0 R/W |