Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE9178 Fiches technique(PDF) 59 Page - Analog Devices

No de pièce ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Fiches technique(HTML) 59 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 55Page - Analog Devices ADE9178 Datasheet HTML 56Page - Analog Devices ADE9178 Datasheet HTML 57Page - Analog Devices ADE9178 Datasheet HTML 58Page - Analog Devices ADE9178 Datasheet HTML 59Page - Analog Devices ADE9178 Datasheet HTML 60Page - Analog Devices ADE9178 Datasheet HTML 61Page - Analog Devices ADE9178 Datasheet HTML 62Page - Analog Devices ADE9178 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
Data Sheet
ADE9178
SILICON ANOMALY
analog.com
Rev. A | 59 of 122
This anomaly list describes the known issues with the ADE9178 silicon identified by the version2 register (Address 0x40B) being equal to
0x09FD5D0D.
Table 29. ADE9178 Functionality Issues
Silicon Revision Identifier
Chip Marking
Silicon Status
Anomaly Sheet
Number of Reported Issues
Version2 = 0x09FD5D0D
ADE9178GTL
Released
Rev. A
1 (err001)
FUNCTIONALITY ISSUES
Table 30. err001: No Load with Line-Cycle Accumulation
Description
Background
When ADE9178 is in a no load condition (for more details, see No Load Detection section), no energy should be
accumulating into the output energy registers.
Issue
When ADE9178 is in a no load condition and ADE9178 is configured for line-cycle accumulation mode (EP_CFG:
EGY_TMR_MODE[1] =0x1), some residual energy is accumulated into the output energy registers, which could
cause errors over time.
Workaround
Use time based accumulation (EP_CFG: EGY_TMR_MODE[1] =0x0).
Related Issues
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More