Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2129T/Q900/2 Fiches technique(PDF) 46 Page - NXP Semiconductors

No de pièce PCA2129T/Q900/2
Description  Automotive accurate RTC with integrated quartz crystal
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2129T/Q900/2 Fiches technique(HTML) 46 Page - NXP Semiconductors

Back Button PCA2129T/Q900/2 Datasheet HTML 42Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 43Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 44Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 45Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 46Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 47Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 48Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 49Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
PCA2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 December 2014
46 of 84
NXP Semiconductors
PCA2129
Automotive accurate RTC with integrated quartz crystal
When MSF is set logic 1:
• If TI_TP is logic 1, the interrupt is generated as a pulsed signal.
• If TI_TP is logic 0, the interrupt is permanently active signal that remains until MSF is
cleared.
Table 72.
Effect of bits MI and SI on pin INT and bit MSF
MI
SI
Result on INT
Result on MSF
0
0
no interrupt generated
MSF never set
1
0
an interrupt once per minute
MSF set when minutes
counter increments
0
1
an interrupt once per second
MSF set when seconds
counter increments
1
1
an interrupt once per second
MSF set when seconds
counter increments
In this example, bit TI_TP is logic 1 and the MSF flag is not cleared after an interrupt.
Fig 21. INT example for SI and MI when TI_TP is logic 1
In this example, bit TI_TP is logic 0 and the MSF flag is cleared after an interrupt.
Fig 22. INT example for SI and MI when TI_TP is logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84