Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADBMS6821 Fiches technique(PDF) 27 Page - Analog Devices

No de pièce ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Fiches technique(HTML) 27 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 20Page - Analog Devices ADBMS6821 Datasheet HTML 21Page - Analog Devices ADBMS6821 Datasheet HTML 22Page - Analog Devices ADBMS6821 Datasheet HTML 23Page - Analog Devices ADBMS6821 Datasheet HTML 24Page - Analog Devices ADBMS6821 Datasheet HTML 25Page - Analog Devices ADBMS6821 Datasheet HTML 26Page - Analog Devices ADBMS6821 Datasheet HTML 27Page - Analog Devices ADBMS6821 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
OUTLINE DIMENSIONS
analog.com
Rev. B | 27 of 28
Figure 43. 32-Lead Lead Frame Chip-Scale Package [LFCSP_SS]
5 mm × 5 mm Body, with Side Solderable Leads
(05-08-7057)
Dimensions Shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28