Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4021B Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce HCC4021B
Description  RadHardened high voltage complementary MOS logic series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4021B Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button HCC4021B Datasheet HTML 5Page - STMicroelectronics HCC4021B Datasheet HTML 6Page - STMicroelectronics HCC4021B Datasheet HTML 7Page - STMicroelectronics HCC4021B Datasheet HTML 8Page - STMicroelectronics HCC4021B Datasheet HTML 9Page - STMicroelectronics HCC4021B Datasheet HTML 10Page - STMicroelectronics HCC4021B Datasheet HTML 11Page - STMicroelectronics HCC4021B Datasheet HTML 12Page - STMicroelectronics HCC4021B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Type list
HCC4000B series
10/13
Types
ESCC detail
spec
Functionality
EM part number
HCC4046B
9202-044
Micropower Phase Locker Loop
HCC4046BK1
HCC4047B
9207-003
Monostable - Astable Multivibrator
HCC4047BK1
HCC4049UB
9202-045
Hex Inverting Buffer - Converter
HCC4049UBK1
HCC4050B
9202-046
Hex Non-Inverting Buffer - Converter
HCC4050BK1
HCC4051B
9202-047
Single 8-channel Analog Mux - DeMux
HCC4051BK1
HCC4052B
9202-048
Different 4-channel Analog Mux - DeMux
HCC4052BK1
HCC4053B
9202-049
Triple 3-channel Analog Mux - Demux
HCC4053BK1
HCC4060B
9204-052
14-stage Counter - Divider AND Oscillator
HCC4060BK1
HCC4063B
9209-001
4-bit Magnitude Comparator
HCC4063BK1
HCC4066B
9408-005
Quad Bi-lateral Switch
HCC4066BK1
HCC4067B
9408-009
Single 16-channel Analog Mux - DeMux
HCC4067BK1
HCC4068B
9201-061
8-Input NAND / AND Gate
HCC4068BK1
HCC4069UB
9401-010
Hex Inverter
HCC4069UBK1
HCC4070B
9201-048
Quad Exclusive-OR Gate
HCC4070BK1
HCC4071B
9201-063
Quad 2-Input OR Gate
HCC4071BK1
HCC4072B
9201-082
Dual 4-Input OR Gate
HCC4072BK1
HCC4073B
9201-064
Triple 3-Input AND Gate
HCC4073BK1
HCC4075B
9201-065
Triple 3-Input OR Gate
HCC4075BK1
HCC4076B
9306-022
4-bit D-type Register
HCC4076BK1
HCC4077B
9201-055
Quad Ex-NOR Gate
HCC4077BK1
HCC4078B
9201-062
8-Input NOR / OR Gate
HCC4078BK1
HCC4081B
9201-052
Quad 2-Input AND Gate
HCC4081BK1
HCC4082B
9201-066
Dual 4-Input AND Gate
HCC4082BK1
HCC4085B
9201-067
Dual 2-wide 2-Input AND-OR Inverter Gate
HCC4085BK1
HCC4093B
9409-002
Quad 2-Input NAND Schmitt Trigger
HCC4093BK1
HCC4094B
9306-026
8-stage Shift AND Store Bus Register
HCC4094BK1
HCC4098B
9206-003
Dual Monostable Multivibrator
HCC4098BK1
HCC4099B
9202-058
8-bit Addressable Latch
HCC4099BK1
HCC40103B
9204-036
Presettable 8-bit Binary Down Counter
HCC40103BK1
HCC40105B
9306-033
4-bit by 16 words
HCC40105BK1
HCC40106B
9409-005
Hex Schmitt Trigger
HCC40106BK1
HCC40107B
9401-013
Dual 2-Input NAND Buffer - Driver
HCC40107BK1
HCC40109B
9407-003
Dual Low-to-High Voltage Level Shifter
HCC40109BK1
HCC40161B
9204-054
Binary Counter with Asynchronous Clear
HCC40161BK1
HCC40163B
9204-046
Binary Counter with Synchronous Clear
HCC40163BK1
Table 3. Type list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13