Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7406 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 26Page - STMicroelectronics TDA7406 Datasheet HTML 27Page - STMicroelectronics TDA7406 Datasheet HTML 28Page - STMicroelectronics TDA7406 Datasheet HTML 29Page - STMicroelectronics TDA7406 Datasheet HTML 30Page - STMicroelectronics TDA7406 Datasheet HTML 31Page - STMicroelectronics TDA7406 Datasheet HTML 32Page - STMicroelectronics TDA7406 Datasheet HTML 33Page - STMicroelectronics TDA7406 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Stereodecoder part
TDA7406
30/64
5.3
Dual MPX Usage
0.0.1 Feature Description
The TDA7406 is able to support a twin tuner concept via the Dual-MPX-Mode. The DC-
Voltage at the CMPX-pin controls whether one or both MPX-signals are used to decode the
stereo FM-signal. Therefor two window-comparators with a characteristic as shown in
Figure 19 are implemented (Please note that the thresholds have a hysteresis of 500mV).
In this mode the stereodecoder high impedance-mute mutes both inputs in parallel.
Figure 19.
Block diagram Dual MPX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64