| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7406 Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7406 Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 64 page ![]() I2C bus interface TDA7406 60/64 Note: This byte is used for testing or evaluation purposes only and must not be set to other values than “11111100” in the application! 0 1 Audioprocessor Oscillator Off On 1must be “1” Table 30. Testing Stereodecoder(31) (continued) MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 |