Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3021 Fiches technique(PDF) 18 Page - Abbatron All Rights Reserved

No de pièce 3021
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABBATRON [Abbatron All Rights Reserved]
Site Internet  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

3021 Fiches technique(HTML) 18 Page - Abbatron All Rights Reserved

Back Button 3021 Datasheet HTML 14Page - Abbatron All Rights Reserved 3021 Datasheet HTML 15Page - Abbatron All Rights Reserved 3021 Datasheet HTML 16Page - Abbatron All Rights Reserved 3021 Datasheet HTML 17Page - Abbatron All Rights Reserved 3021 Datasheet HTML 18Page - Abbatron All Rights Reserved 3021 Datasheet HTML 19Page - Abbatron All Rights Reserved 3021 Datasheet HTML 20Page - Abbatron All Rights Reserved 3021 Datasheet HTML 21Page - Abbatron All Rights Reserved 3021 Datasheet HTML 22Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
16
•
Fluted or hex insulated post heads are molded Lexan poly-
carbonate. Captivated to prevent loss.
•
Body is brass with tin plating.
•
Insulated washers are molded polycarbonate and completely
insulate post from panel. Keyed to panel and body to prevent
rotation.
•
Body mounts into dual holes with 3/4” centers.
•
Connects with .080” phone tip plug, 1/4" spade lug, standard
banana plug, alligator clip, wire (to #14) and shorting links.
•
To connect circuit, wrap wire around solder turret or attach
to solder lug between nuts (lug not supplied).
•
Please refer to Table A (page 12) for ratings.
•
All posts shown are available as black, red or red and black
in the table.
PART
MNTG.
POST
HEAD
HEAD
NO.
HOLE
THREAD SHAPE
COLORS
269BB
Black - Black
269RB
Red - Black
269RR
Red - Red
1813BB
Black - Black
1813RB
Red - Black
1813RR
Red - Red
1477BB
Black - Black
1477RB
Red - Black
1477RR
Red - Red
1814BB
Black - Black
1814RB
Red - Black
1814RR
Red - Red
1809BB
Black - Black
1809RB
Red - Black
1809RR
Red - Red
C
D
FIG.
1/2
3/8
Hex
10-32
6-32
8-32
Fluted
A
B
Dual Binding Posts
D
C
B
A
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60