Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3021 Fiches technique(PDF) 5 Page - Abbatron All Rights Reserved

No de pièce 3021
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABBATRON [Abbatron All Rights Reserved]
Site Internet  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

3021 Fiches technique(HTML) 5 Page - Abbatron All Rights Reserved

  3021 Datasheet HTML 1Page - Abbatron All Rights Reserved 3021 Datasheet HTML 2Page - Abbatron All Rights Reserved 3021 Datasheet HTML 3Page - Abbatron All Rights Reserved 3021 Datasheet HTML 4Page - Abbatron All Rights Reserved 3021 Datasheet HTML 5Page - Abbatron All Rights Reserved 3021 Datasheet HTML 6Page - Abbatron All Rights Reserved 3021 Datasheet HTML 7Page - Abbatron All Rights Reserved 3021 Datasheet HTML 8Page - Abbatron All Rights Reserved 3021 Datasheet HTML 9Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Part Number Changes
Revision levels (Rev Levels) are used on all Abbatron documents related to customer order confirmations, shipment
documentation, inventory control, production work orders, purchase orders issued to our vendors, etc.
Our strategy regarding Revision Level changes to reflect RoHS compliance status is as follows:
•
No revision number change is required for any raw materials, components, or finished parts that have always been RoHS
compliant.
•
Subsequent to June 30, 2005 any design or manufacturing method change to a previously nonconforming part which causes
it to come into RoHS compliance will require the issuance of a new revision level (Rev Level) to indicate compliance to the
RoHS directive.
Package Marking
Production operations began July 1, 2005 to mark the packaging containing new production of RoHS compliant parts to indicate
RoHS compliance. (Note: It is not possible from a practical standpoint for Abbatron to re-label existing inventories produced prior
to July 1, 2005. This will not be an issue, however, because the vast majority of inventories are already RoHS compliant and
because each package contains a manufacture date that can be used to determine RoHS compliance status.)
Supply Chain
Since March 1, 2005 Abbatron has been requiring all raw material, component, plating, and other vendors to complete supplier
questionnaires regarding the RoHS compliance of the products they supply to Abbatron.
Design
As of March 1, 2005 all new designs require RoHS compliant raw materials, components, and plating specifications except for
customer-specific parts for which the customer has provided written a deviation specifically permitting deviation from RoHS
compliance with regards to that particular item.
Summary
Abbatron, LLC is committed to, and has actively persued compliance with the RoHS directive as of its July 1, 2006 effective date.
Should you have any questions regarding Abbatron’s RoHS related initiatives, please contact Abbatron’s customer service staff,
representative, or contracted distributor.
RoHS Compliance
3
www.abbatron.com
Contact our Sales Department at 1-888-847-6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60