Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS715 Fiches technique(PDF) 2 Page - Synology Inc.

No de pièce DS715
Description  DiskStation DS715
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNOLOGY [Synology Inc.]
Site Internet  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS715 Fiches technique(HTML) 2 Page - Synology Inc.

  DS715 Datasheet HTML 1Page - Synology Inc. DS715 Datasheet HTML 2Page - Synology Inc. DS715 Datasheet HTML 3Page - Synology Inc. DS715 Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Resilient and Reliable
In addition to its superior performance, DS715 is built for reliability. Two Gigabit
LAN ports provide redundancy in the event of unexpected hardware failure while
hot swappable drives also help to minimize system downtime during drive
replacement.
Uninterrupted availability is a critical goal for all businesses; however, many
businesses worldwide still remain unprepared for disaster. Synology High
Availability (SHA) can ensure a seamless transition between clustered servers in
the event of server failure with minimal impact to applications, thus decreasing the
risk of unexpected interruptions and costly downtime.
Easy Backup Solutions
To protect your valuable data, DS715 can become a centralized backup destination
for consolidating fragmented and unstructured information across your network
through a range of options. Advanced backup privilege management makes
network backup tasks safer and more efficient. Cloud Station with selective sync
and ACL control provides real-time data backup and synchronization among
multiple computers and mobile devices. Complete backup solutions including
Scheduled LUN Snapshot, LUN clone and Backup & Replication minimize the
impact of disasters.
Unparalleled Flexibility
As your data storage needs grow, Synology’s DS715 can grow with you. DS715
can be connected to a dedicated expansion units for additional storage on the fly,
growing capacity with minimal effort. When paired with one DX513 expansion unit2
through specially designed eSATA connector, raw capacity can be as high as 56TB.
Energy Efficient Design
Synology DS715 is designed with energy efficiency in mind. Compared with
its average PC counterpart, Synology DS715 consumes relatively little power
at 21.37 watts while accessing and 9.37 watts when hard drive hibernation is
enabled. Wake on LAN/WAN and scheduled power on/off further reduces power
consumption and operation costs.
All Synology products are produced with RoHS compliant parts and packed with
recyclable packing materials. Synology acknowledges the responsibility as a global
citizen to continually work to reduce the environmental impact of every product
produced.
Figure 1) Reliability, Availability &
Disaster Recovery
Synology High Availability ensures seamless
transition between clustered servers in the
event of server failure with minimal impact
to businesses.
Figure 2) Flexible Scalability
DS715 can expand its capacity on the fly and
enlarge volumes across its expansion unit for
storage or backup.



Html Pages

1 2 3 4