Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS715 Fiches technique(PDF) 1 Page - Synology Inc.

No de pièce DS715
Description  DiskStation DS715
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNOLOGY [Synology Inc.]
Site Internet  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS715 Fiches technique(HTML) 1 Page - Synology Inc.

  DS715 Datasheet HTML 1Page - Synology Inc. DS715 Datasheet HTML 2Page - Synology Inc. DS715 Datasheet HTML 3Page - Synology Inc. DS715 Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optimal Price/Performance Ratio
Synology DS715 is the first Value Series model equipped with a powerful quad-
core CPU with hardware encryption engine, 2GB RAM, and two Gigabit LAN
ports. With link aggregation, Synology DS715 can deliver read and write speeds
of up to 216.1 MB/s and 142.5 MB/s respectively under RAID 5 configuration in
a Windows® environment.1 Powered with hardware encryption engine, DS715
delivers fast encrypted data transmission speeds of up to 205.58 MB/s reading and
77.62 MB/s writing.1
Cross Platform File Sharing
Synology DS715 offers comprehensive network protocol support, ensuring
seamless file sharing across Windows®, Mac®, and Linux® platforms. Internet file
access is simplified by using the web-based file explorer, Synology File Station.
HTTPS, firewall, encrypted FTP server, and IP auto-block support ensure file sharing
over the Internet is protected at a high security level. For users who are always on
the move, Synology provides the convenient app DS file for popular mobile devices
such as iPhone®, iPad®, Android™ devices, and Windows Phone™. Files stored on
Synology DS715 can then be accessed remotely using DS file.
24/7 Security Solution
Synology Surveillance Station offers a centralized interface to manage IP cameras
deployed in your office or home, allowing users traveling miles away to safeguard
the environment by watching live views, recording events, and taking snapshots
with a computer or mobile device. DS715 is an ideal surveillance solution as it is
capable of hosting up to 30 IP cameras (900 FPS @ 720p). In addition to its intuitive
setup and hassle-free interface, Surveillance Station features an optimized live view
experience with on-screen operations, smart analytics tools like motion detection,
and an alert system that sends instant notification through DS cam, SMS, and
e-mail.
DiskStation DS715
Synology® DiskStation DS715 is the first 2-bay Value Series model with a quad-core
CPU, hardware encryption engine, and the scalability of up to 7 drives, providing
the most cost-effective storage or surveillance solution for growing businesses
to efficiently manage, protect, and share data. Synology DS715 is backed with
Synology’s 2-year limited warranty.
●
Quad-core 1.4GHz CPU with
hardware encryption engine
●
2GB RAM for boosted
multitasking performance
●
Dual LANs with link
aggregation and failover
support
●
Scale up to 7 drives with
Synology DX5132
●
Compact surveillance
solution hosting up to 30 IP
cameras (900 FPS @ 720p)
●
Running on Synology
DiskStation Manager (DSM)
Highlights


Numéro de pièce similaire - DS715

FabricantNo de pièceFiches techniqueDescription
logo
Insel Rectifier India P...
DS7100SK IRI-DS7100SK Datasheet
811Kb / 4P
STANDARD RECOVERY DIODE
logo
Synology Inc.
DS712PLUS SYNOLOGY-DS712PLUS Datasheet
874Kb / 2P
Synology DiskStation DS712
DS713PLUS SYNOLOGY-DS713PLUS Datasheet
1Mb / 4P
DiskStation DS713
DS716PLUS SYNOLOGY-DS716PLUS Datasheet
643Kb / 4P
DiskStation DS716
DS716PLUSII SYNOLOGY-DS716PLUSII Datasheet
622Kb / 4P
DiskStation DS716II
More results


Html Pages

1 2 3 4