Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS413J Fiches technique(PDF) 2 Page - Synology Inc.

No de pièce DS413J
Description  DiskStation DS413j
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNOLOGY [Synology Inc.]
Site Internet  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS413J Fiches technique(HTML) 2 Page - Synology Inc.

  DS413J Datasheet HTML 1Page - Synology Inc. DS413J Datasheet HTML 2Page - Synology Inc. DS413J Datasheet HTML 3Page - Synology Inc. DS413J Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Share your Memories to Friends
Photo Station simplifies photo, video, and blog sharing to the public. Features
such as theme personalization, blog, and user privilege settings make Photo
Station your state-of-the-art lifestyle sharing center on the Internet. Photo Station
syncs the album automatically to Facebook, so it is now even more closely
intertwined with your social life.
Your 24x7 Download Server
Download Station functions as a 24x7 BT, FTP, HTTP, eMule, and NZB download
center without a PC. The eMule & BT search engine allows search-n-download
capability without installing additional desktop applications.
RSS feed feature will bring the latest updates directly to you. You can subscribe
to multiple RSS feeds that list the information of all your favorite downloads, and
your download experience is entirely automated.
Back up All Your Important Files
The Synology DS413j offers a centralized backup target to all your PC/Mac®
computers in the house. PC Users can back up their data to the Synology
DS413j using the free Synology Data Replicator software, while Mac OS X® users
enjoy native Apple® Time Machine® integration. A web-based backup wizard
is provided for backing up data in the Synology DS413j to another Synology
DiskStation or to an external hard drive via USB connection.
Hassle-free System Installation
Web Assistant is a web-based utility to make every DiskStation as easy to install
as possible. Installation is done inside your existing web browser by setting up
all vital system components in few simple steps. Combined with a quick start
widget, users can simultaneously tour the DSM operating system and set it up to
use right away.
Peace of Mind with Data Encryption
The Synology DS413j is equipped with an encryption engine which offloads the
encryption calculation task away from the main CPU, helping to improve file
transfer speeds of the DiskStation.
Data protection is an important matter for businesses of all sizes. High-end
features previously available only on enterprise level hardware are now
accessible via Synology DS413j to small and medium-sized businesses.
DS413j provides share-level AES 256-bit encryption to aid in the prevention of
unauthorized access attempts to the hard drives.
Energy Efficient with Cool and Quiet Design
Synology DS413j is designed with energy efficiency in mind. Not only does it
provide a larger fan and the smart airflow to keep the system running cool 24/7,
its noise dampening design makes it really quiet (18.9 dB) compared to PC
counterparts. The support of multiple scheduled power on/off and hard drive
hibernation can further reduce power consumption and operation cost.
All Synology products are produced with RoHS compliant parts and packed
with recyclable packing materials. Synology acknowledges the responsibility
as a global citizen to continually work to reduce the environmental impact of
every product produced.
Figure 1) Media Server
Music and videos on DS413j can be
streamed to a DLNA/UPnP TV, so you can
enjoy your favorite movies or TV shows
without hassle.



Html Pages

1 2 3 4