| Moteur de recherche de fiches techniques de composants électroniques |
|
DS413J Fiches technique(PDF) 1 Page - Synology Inc. |
|
|
|||||||||||||||||||||||||||||
DS413J Fiches technique(HTML) 1 Page - Synology Inc. |
|
1 / 4 page ![]() Highlights DiskStation DS413j Build Your Own Cloud With Synology DS413j, you can centralize and share up to 16TB of data and files with coworkers and friends. If you find this way of managing files useful, you can have your own cloud by using Cloud Station to access and sync files across different computers. There is no need to configure a router to remote access the DS413j, by using Synology’s ezCloud, you can easily extend coverage to the Internet. Manage your files on your Synology DS413j with File Station which provides easy file navigation on your DiskStation, allowing you to copy, move, delete, rename, upload, or download files without boundaries. If you are always on the move, Synology provides a handy app, DS file for iPhone®, iPad® and Android™ users. Anything stored on Synology DS413j can now be accessed remotely using DS file via the Internet. Flexible Storage Management The Synology Hybrid RAID (SHR) automatically builds an optimal RAID volume with data protection based on the hard drives installed, eliminating the need to have hard drives of identical size, while still offering a manual setup option for advanced users. Multiple Volumes on RAID allows you to create more than one volume on a RAID structure, providing a flexible and efficient way to manage your storage across all available hard drives. When the need arises to expand the volumes, simply allocate more storage space on the UI, and DSM does the rest for you without any service disruption. Versatile Multimedia Center for Home With the built-in media server on the DS413j, you can stream digital multimedia content from a Synology DiskStation to a media device such as a stereo system, Sony™ PlayStation® 3 and Microsoft® XBox 360. You can also stream videos and music to a DLNA®/UPnP® compatible TV set so you can enjoy your favorite movies or TV shows that are stored on your DiskStation. Your living room just got better. For fully digitized music listening experience from the comfort of your couch, by connecting DS413j to a home stereo system and using DS audio App for iPad, iPhone and Android, users can control music playback with simplicity. ● Optimal Price/Performance Ratio ● Effective Backup Solutions ● Hassle-free System Installation ● Running on Synology DiskStation Manager (DSM) Synology® DiskStation DS413j is a budget-friendly 4-bay NAS server for small offices and home use, specifically designed to provide a solution for file storage and sharing with data protection for your home environment with low power consumption, quiet operation and reliability. |
Numéro de pièce similaire - DS413J |