| Moteur de recherche de fiches techniques de composants électroniques |
|
DP340 Fiches technique(PDF) 2 Page - Synology Inc. |
|
|
|||||||||||||||||||||||||||||
DP340 Fiches technique(HTML) 2 Page - Synology Inc. |
|
2 / 6 page ![]() DATASHEET | DP340 Quick and seamless deployment Essential configuration such as disk partitioning and raid array setup will be automatically completed, making deployment fast and effortless so that you can start protecting your data immediately. Protect workloads with specified policies Safeguard all your workloads, including VMware vSphere, Microsoft Hyper-V, Windows, macOS, Linux, NetApp ONTAP, Nutanix Files, Microsoft 365 services, Oracle Database, and Microsoft SQL server. Establish policies for companies to meet SLA requirements, and automate data protection by detecting existing and future workloads, ensuring that the workloads are secured under the appropriate policies. View, modify, and manage policies with ease. Reliable backup and flexible recovery The DP340 supports self-healing functionality with continuous detection of silent data corruption through Btrfs checksum. It ensures zero errors by repairing corrupt data via RAID technology. To verify the recoverability of backup data, disaster recovery drills can be regularly performed in a sandboxed environment without affecting your primary production site. Backup verification is also available, automatically generating recovery drill videos for auditing purposes. In the event of a disaster, data can be flexibly restored based on your Recovery Time Objectives (RTO) via entire machine restoration, file-level recovery, physical-to-virtual (P2V), or virtual-to-virtual (V2V) methods to restore data to the designated location. |