Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP340 Fiches technique(PDF) 3 Page - Synology Inc.

No de pièce DP340
Description  Cyber-resilient Data Protection Solution for Endpoints
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNOLOGY [Synology Inc.]
Site Internet  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DP340 Fiches technique(HTML) 3 Page - Synology Inc.

  DP340 Datasheet HTML 1Page - Synology Inc. DP340 Datasheet HTML 2Page - Synology Inc. DP340 Datasheet HTML 3Page - Synology Inc. DP340 Datasheet HTML 4Page - Synology Inc. DP340 Datasheet HTML 5Page - Synology Inc. DP340 Datasheet HTML 6Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET | DP340
Uncompromised ransomware protection
To prevent ransomware attacks, the DP340 protects data backups and backup
copies with immutability and write-once-read-many (WORM) storage to ensure
that no one can modify data that has been backed up during the specified
retention period. Additionally, it integrates encryption capabilities, enabling
data to be encrypted locally before being backed up to remote destinations. To
further enhance security, you can also isolate the remote environment using the
air-gap feature.
Optimized backup efficiency
The DP340 optimizes storage space allocation via hardware and software
integration. By leveraging SSD cache to store backup-related metadata,
optimizing data organization, and consolidating multiple files into a single image,
it accelerates data processing. Both backups and backup copies utilize global
source-side deduplication, as it compares data at the source and only transmits
non-duplicate data to save bandwidth and storage space.
Data security at its core
The DP340's security mechanism is based on the principle of least-privilege
authentication and network protection architecture. This mechanism only allows
authorized personnel to access data, restricts access to specific devices, and
limits access to the backup infrastructure during designated times to ensure
data security.
• For authorized personnel: Active Directory, LDAP, and SAML 2.0 integration enables
enterprises to use existing SSO with MFA and granular permissions to enhance access control.
• For devices: Firewall settings can be configured to only allow access from devices within
specified IP ranges and subnets. The built-in management port is an isolated interface
dedicated for management purposes. It is separate from data flow to reduce security risks.
• Enhanced isolation: Secure your remote backup infrastructure via air-gapped solutions to
achieve network or physical isolation. Limit network access to specified times or turn your
devices on or off.



Html Pages

1 2 3 4 5 6