Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U545CEU6Q Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STM32U545CEU6Q
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6Q Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STM32U545CEU6Q Datasheet HTML 17Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 18Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 19Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 20Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 21Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 22Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 23Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 24Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
5.2.3
LL application
This section describes the steps needed to create a custom LL application using STM32CubeU5.
1. Create a project
To create a new project, either start from the Templates_LL project provided for each board in \Projects\<S
TM32xxx_yyy>\Templates_LL or from any available project under \Projects\<STM32xxy_yyy>\Exam
ples_LL (<STM32xxx_yyy> refers to the board name, such as NUCLEO-U575ZI-Q).
The template project provides an empty main loop function, which is a good starting point to understand the
STM32CubeU5 project settings. The template has the following characteristics:
–
It contains the source codes of the LL and CMSIS drivers, which are the minimum set of components
needed to develop code on a given board.
–
It contains the include paths for all the required firmware components.
–
It selects the supported STM32U5 device and allows the correct configuration of the CMSIS and LL
drivers.
–
It provides ready-to-use user files, which are preconfigured as follows:
◦
main.h: LED & USER_BUTTON definition abstraction layer.
◦
main.c: system clock configuration for maximum frequency.
2. Port an existing project to another board
a. Start from the Templates_LL project provided for each board, available in \Projects\<STM32xxx_yyy>
\Templates_LL.
b. Select an LL example.
Note:
To find the board on which LL examples are deployed, refer to the list of LL examples STM32CubeProje
ctsList.html.
3. Port the LL example
–
Copy/paste the Templates_LL folder to keep the initial source, or directly update an existing Templat
es_LL project.
–
Replace Templates_LL files with the Examples_LL targeted project.
–
Keep all board-specific parts. For clarity reasons, board-specific parts have been flagged with the
following specific tags:
/* ============== BOARD SPECIFIC CONFIGURATION CODE BEGIN ============== */
/* ============== BOARD SPECIFIC CONFIGURATION CODE END ============== */
The main porting steps are the following:
a. Replace the stm32u5xx_it.h file.
b. Replace the stm32u5xx_it.c file.
c. Replace the main.h file and update it. Keep the LED and user button definition from the LL template
under the "BOARD SPECIFIC CONFIGURATION" tags.
d. Replace the main.c file and update it:
•
Keep the clock configuration of the SystemClock_Config() LL template function under the
"BOARD SPECIFIC CONFIGURATION" tags.
•
Depending on LED definition, replace each LEDx occurrence with another LEDy available in
the main.h file.
With these modifications, the example now runs on the targeted board.
5.3
Getting STM32CubeU5 release updates
The new STM32CubeU5 MCU package releases and patches are available from www.st.com/stm32u5. They may
be retrieved from the [CHECK FOR UPDATE] button in STM32CubeMX. For more details, refer to section 3 of
STM32CubeMX for STM32 configuration and initialization C code generation (UM1718).
UM2883
Getting started with STM32CubeU5
UM2883 - Rev 4
page 21/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30