Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U545CEU6Q Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM32U545CEU6Q
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6Q Fiches technique(HTML) 5 Page - STMicroelectronics

  STM32U545CEU6Q Datasheet HTML 1Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 2Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 3Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 4Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 5Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 6Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 7Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 8Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
3
STM32CubeU5 architecture overview
The STM32CubeU5 MCU package solution is built around three independent levels that easily interact as
described in Figure 2.
Figure 2. STM32CubeU5 MCU package architecture
Library and protocol based components
(for example RTOS™, USB PD)
Examples
BSP drivers
Core drivers (optional)
Hardware abstraction layer (HAL)
HAL
Level 0
Level 1
Level 2
Low-layer (LL)
Evaluation board and Discovery kit demonstration
Applications
3.1
Level 0
This level is divided into three sublayers:
•
Board support package (BSP)
•
Hardware abstraction layer (HAL)
–
HAL peripheral drivers
–
Low-layer drivers
•
Basic peripheral usage examples
3.1.1
Board support package (BSP)
This layer offers a set of APIs relative to the hardware components in the hardware boards. The hardware boards
can be LCD, audio, microSD™, and MEMS drivers. It is composed of two parts:
•
Component
This is the driver relative to the external device on the board and not to the STM32. The component driver
provides specific APIs to the BSP driver external components and could be portable on any other board.
•
BSP driver
It allows linking the component drivers to a specific board and provides a set of user-friendly APIs. The API
naming rule is BSP_FUNCT_Action().
Example: BSP_LED_Init(), BSP_LED_On()
UM2883
STM32CubeU5 architecture overview
UM2883 - Rev 4
page 5/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30