Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV7622 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STV7622
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STV7622 Datasheet HTML 5Page - STMicroelectronics STV7622 Datasheet HTML 6Page - STMicroelectronics STV7622 Datasheet HTML 7Page - STMicroelectronics STV7622 Datasheet HTML 8Page - STMicroelectronics STV7622 Datasheet HTML 9Page - STMicroelectronics STV7622 Datasheet HTML 10Page - STMicroelectronics STV7622 Datasheet HTML 11Page - STMicroelectronics STV7622 Datasheet HTML 12Page - STMicroelectronics STV7622 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
STV7622
Circuit description
9/32
5.4
2 x 3 x 32-bit data bus, standard transmission
(BS1 = H, BS2 = H)
The data bus is in 2
× 3-bit mode (DB1 to DB6 active) for BS1 = H and BS2 = H. Table 5
below describes how data is shifted in the register.
Table 5.
2 x 3 x 32-bit data bus transmission
BS1
BS2
DIR
Input
Clock pulse number
Comment
Position
01
02
03
…
30
31
32
H
H
L
DB1
DB2
DB3
DB4
DB5
DB6
OUT
OUT
OUT
OUT
OUT
OUT
01
02
03
97
98
99
04
05
06
100
101
102
07
08
09
103
104
105
88
89
90
184
185
186
91
92
93
187
188
189
94
95
96
190
191
192
Left/Right shift
H
H
H
DB1
DB2
DB3
DB4
DB5
DB6
OUT
OUT
OUT
OUT
OUT
OUT
94
95
96
190
191
192
91
92
93
187
188
189
88
89
90
184
185
186
07
08
09
103
104
105
04
05
06
100
101
102
01
02
03
97
98
99
Right/Left shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32