| Moteur de recherche de fiches techniques de composants électroniques |
|
STV7622 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV7622 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 32 page ![]() Pinout description STV7622 6/32 4 Pinout description Figure 4. Pinout diagram In the pinout diagram of Figure 4 above: q VDD1 to VDD8 are internally connected. It is not necessary to connect them together on the tape carrier package (TCP) - the same applies to VCC1 and VCC2. q VSSLOG1 to VSSLOG2 are internally connected. It is not necessary to connect them together on the TCP - the same for VSSSUB1 and VSSSUB2. q VSSLOG1 to VSSLOG7 are not internally connected to VSSSUB1 and VSSSUB2. We recommend shorting them together very close to the die, either on the TCP or at the TCP connector. q VDD1 to VDD8 are not internally connected to VCC1 and VCC2. For good test coverage, they must not be shorted together on the TCP. In the application, VDD1 to VDD8, VCC1 and VCC2 must be connected together at the TCP connector level. q TEST1 and TEST2 are used to test the device. For good test coverage, they must not be shorted together on the TCP. In the application, TEST1 and TEST2 must be grounded at the TCP connector level. q VREF must be connected to ground via a 10 nF filter capacitor. VSSP1 VSSP2 VSSP3 VPP1 VPP2 VPP3 DUMMY VSSLOG1 VSSSUB1 VDD1 VCC1 VSSP4 VSSP5 VSSP6 VPP4 VPP5 VPP6 DUMMY VSSLOG2 VSSSUB2 VDD2 VCC2 DUMMY Y X 0/0 |