Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AA10C Fiches technique(PDF) 11 Page - Astec America, Inc

No de pièce AA10C
Description  36 Vdc to 75 Vdc Inputs, 10 W
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C Fiches technique(HTML) 11 Page - Astec America, Inc

Back Button AA10C Datasheet HTML 4Page - Astec America, Inc AA10C Datasheet HTML 5Page - Astec America, Inc AA10C Datasheet HTML 6Page - Astec America, Inc AA10C Datasheet HTML 7Page - Astec America, Inc AA10C Datasheet HTML 8Page - Astec America, Inc AA10C Datasheet HTML 9Page - Astec America, Inc AA10C Datasheet HTML 10Page - Astec America, Inc AA10C Datasheet HTML 11Page - Astec America, Inc AA10C Datasheet HTML 12Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Technical Reference Notes (TRN)
AA10C Series
36 Vdc to 75 Vdc Inputs, 10 W
_____________________________________________________________
ASTEC POWER - Andover
11 of 12
Thermal Considerations (continued)
Figure 17. 015S Pwr. Diss. vs Load Current.
Figure 18. 020S Pwr. Diss. vs Load Current.
Figure 19. 033S Pwr. Diss. vs Load Current.
Figure 20. 050S Pwr. Diss. vs Load Current.
Figure 21. 120S Pwr. Diss. vs Load Current.
Figure 22. 150S Pwr. Diss. vs Load Current.
Figure 23. PCB Temperature Measurement Location
AA10C-048L-050S
Power Dissipation vs Output Current
Tc = Tc,max
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
Output Current (Amps)
Vin = 36 Vdc
Vin =48 Vdc
Vin = 75 Vdc
AA10C-048L-033S
Power Dissipation vs Output Current
Tc = Tc,max
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0.24
0.48
0.73
0.97
1.21
1.45
1.69
1.94
2.18
2.42
Output Current (Amps)
Vin = 36 Vdc
Vin =48 Vdc
Vin = 75 Vdc
Rectifier
Inductor
Measurement
Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com