Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC7173 Fiches technique(PDF) 3 Page - Maxim Integrated Products

No de pièce VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Fiches technique(HTML) 3 Page - Maxim Integrated Products

  VSC7173 Datasheet HTML 1Page - Maxim Integrated Products VSC7173 Datasheet HTML 2Page - Maxim Integrated Products VSC7173 Datasheet HTML 3Page - Maxim Integrated Products VSC7173 Datasheet HTML 4Page - Maxim Integrated Products VSC7173 Datasheet HTML 5Page - Maxim Integrated Products VSC7173 Datasheet HTML 6Page - Maxim Integrated Products VSC7173 Datasheet HTML 7Page - Maxim Integrated Products VSC7173 Datasheet HTML 8Page - Maxim Integrated Products VSC7173 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
Application Examples
The VSC7173 allows two Serial ATA hosts to access one Serial ATA drive. Figure 1 shows a common application
where redundant I/O controllers in disk arrays have multiplexed access to single-port Serial ATA disk drives.
Another application example (Figure 2) is for simple port replication to enable an existing Serial ATA Host Bus
Adapter (HBA) to connect to two ports. By using the VSC7173, a single channel from the HBA may be selectively
connected to an internal connector or an external connector. The VSC7173 provides both the mulitplexing
functionality and buffering to drive external connections.
Figure 1. Serial ATA Backplane Application
Figure 2. Port Multiplier Application
"Tailgate" Board
Backplane
VSC7173
I/O Controller A
I/O Controller B
Serial ATA Drive
(1 of n)
Port Multiplier
External
Connector
VSC7173
Port A
Port B
Internal
Connector
Serial ATA
Host Bus Adaptor
PCI Bus
External
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17