Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC7173 Fiches technique(PDF) 10 Page - Maxim Integrated Products

No de pièce VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Fiches technique(HTML) 10 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 6Page - Maxim Integrated Products VSC7173 Datasheet HTML 7Page - Maxim Integrated Products VSC7173 Datasheet HTML 8Page - Maxim Integrated Products VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products VSC7173 Datasheet HTML 11Page - Maxim Integrated Products VSC7173 Datasheet HTML 12Page - Maxim Integrated Products VSC7173 Datasheet HTML 13Page - Maxim Integrated Products VSC7173 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
Figure 8. Timing Waveform for Port Switching
Table 10. Port Switch Timing
Symbol
Parameter
Minimum
Maximum
Unit
Condition
tPW
Pulse width of the port selection pins
(PORTSEL0, PORTSEL1).
4.0
ns
tPSS
Separation between rising edge transitions of the
port selection pins.
5.0
ns
Edge-sensitive operation
tSW
Switch time. The time required to make the other
host port active following an active edge
transition of the port selection pins.
5.0
ns
Applies to both level and
edge-sensitive operations
PORTSEL0
Active Host Port
(Port 0 or Port 1)
PORTSEL1
* Edge sensitive sideband operation shown in timing diagram.
t
PSS
t
PSS
t
SW
t
SW
t
SW
t
PW
PORTSEL0,
PORTSEL1
t
PW
Note: Edge-sensitive operation shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17