Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM1774 Fiches technique(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
No de pièce PCM1774
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PCM1774 Fiches technique(HTML) 30 Page - Texas Instruments

Back Button PCM1774 Datasheet HTML 26Page - Texas Instruments PCM1774 Datasheet HTML 27Page - Texas Instruments PCM1774 Datasheet HTML 28Page - Texas Instruments PCM1774 Datasheet HTML 29Page - Texas Instruments PCM1774 Datasheet HTML 30Page - Texas Instruments PCM1774 Datasheet HTML 31Page - Texas Instruments PCM1774 Datasheet HTML 32Page - Texas Instruments PCM1774 Datasheet HTML 33Page - Texas Instruments PCM1774 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
LRPC: LRCK Polarity Control
Default value: 0
This bit is used to reverse L-channel and R-channel audio data.
LRPC = 0
Normal (default)
LRPC = 1
Reverse
NPR[5:0]: System Clock Rate Selection
Default value: 000000
MSR[2:0]: System Clock Dividing Rate Selection in Master Mode (Register 70)
Default value: 000
These bits are used to select the system clock rate and the dividing rate of the input system clock. See Table 9
for the details.
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49