| Moteur de recherche de fiches techniques de composants électroniques |
|
PCM1774 Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM1774 Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 49 page ![]() www.ti.com LRCK (b)I2SDataFormat;L-Channel=LOW,R-Channel=HIGH,LRPC=0 1/fS (= 32fS,48fS, or64fS) 1/fS (a) Right-JustifiedDataFormat;L-Channel=HIGH,R-Channel=LOW,LRPC=0 (c)Left-JustifiedDataFormat;L-Channel=HIGH,R-Channel=LOW,LRPC=0 MSB LSB 16-Bit Right-Justified 1/fS (=32fS,48fS or64fS) (=32fS,48fS, or64fS) L-Channel R-Channel BCK DIN 14 15 16 1 2 3 14 15 16 MSB LSB 1 2 3 14 15 16 L-Channel R-Channel LRCK BCK DIN 1 2 3 1 2 MSB 14 16 15 LSB 1 2 3 MSB 14 16 15 LSB L-Channel R-Channel LRCK BCK DIN 1 2 3 14 16 15 1 2 3 14 16 15 1 2 MSB LSB LSB MSB T0009-07 1/fS (d) BurstBCKInterfaceFormatinMasterMode;L-Channel=HIGH,R-Channel=LOW,LRPC=0 ( 64fS ) L-Channel R-Channel LRCK BCK DIN 1 2 3 14 16 15 1 2 3 14 16 15 1 2 MSB LSB LSB MSB LRCK 1/fS (=32fS,48fS, 64fS ,128fS or256fS) (e) DSPFormat,LRPC=0 MSB LSB BCK DIN 1 2 3 14 15 16 MSB LSB 1 2 3 14 15 16 1 2 PCM1774 SLAS551 – JULY 2007 NOTE: All audio interface formats support BCK = 64 fS in master mode (register 69, MSTR = 1). The fS of BCK at setting multi-sampling rate (register 85 and 86, NPR[5:0] and MSR[2:0]) is shown in Table 9 and Table 10. Figure 16. Audio Data Formats 18 Submit Documentation Feedback |