Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2558FD Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Fiches technique(HTML) 27 Page - Microchip Technology

Back Button MCP2558FD Datasheet HTML 23Page - Microchip Technology MCP2558FD Datasheet HTML 24Page - Microchip Technology MCP2558FD Datasheet HTML 25Page - Microchip Technology MCP2558FD Datasheet HTML 26Page - Microchip Technology MCP2558FD Datasheet HTML 27Page - Microchip Technology MCP2558FD Datasheet HTML 28Page - Microchip Technology MCP2558FD Datasheet HTML 29Page - Microchip Technology MCP2558FD Datasheet HTML 30Page - Microchip Technology MCP2558FD Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
 2016 Microchip Technology Inc.
DS20005533A-page 27
MCP2557FD/8FD
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
1.80
1.65
MILLIMETERS
0.50 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.85
0.25
Microchip Technology Drawing No. C04-129-MN Rev. A
NOM
8-Lead Plastic Dual Flat, No Lead Package (MN) – 2x3x0.75mm Body [TDFN]
12
8
C
Contact Pad Spacing
2.90
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C
E
X1
Y1
Y2
X2
EV
EV
ØV
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36