Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2558FD Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Fiches technique(HTML) 21 Page - Microchip Technology

Back Button MCP2558FD Datasheet HTML 17Page - Microchip Technology MCP2558FD Datasheet HTML 18Page - Microchip Technology MCP2558FD Datasheet HTML 19Page - Microchip Technology MCP2558FD Datasheet HTML 20Page - Microchip Technology MCP2558FD Datasheet HTML 21Page - Microchip Technology MCP2558FD Datasheet HTML 22Page - Microchip Technology MCP2558FD Datasheet HTML 23Page - Microchip Technology MCP2558FD Datasheet HTML 24Page - Microchip Technology MCP2558FD Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2016 Microchip Technology Inc.
DS20005533A-page 21
MCP2557FD/8FD
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Example:
8-Lead DFN (03x03x0.9 mm)
Part Number
Code
MCP2557FDT-H/MF
DAEO
MCP2557FD-H/MF
DAEO
MCP2558FDT-H/MF
DAEQ
MCP2558FD-H/MF
DAEQ
DAEN
1609
256
Example:
8-Lead SOIC (150 mil)
MCP2557
SN
1609
256
Part Number
Code
MCP2557FDT-H/SN
MCP2557
MCP2557FD-H/SN
MCP2557
MCP2558FDT-H/SN
MCP2558
MCP2558FD-H/SN
MCP2558
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC®designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC® designator ( )
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line, thus limiting the number of available characters for
customer-specific information.
3
e
3
e
Example:
8-Lead TDFN (02x03x0.8 mm)
Part Number
Code
MCP2557FDT-H/MNY
ACZ
MCP2558FDT-H/MNY
ADA
ACZ
609
25
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36