Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP86FS49AFG Fiches technique(PDF) 243 Page - Toshiba Semiconductor

No de pièce TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Fiches technique(HTML) 243 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 239Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 240Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 241Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 242Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 243Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 244Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 245Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 246Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 247Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 294 page
background image
Page 227
TMP86FS49AFG
It takes a maximum of 40
µs to set read protection in the flash memory. The next command sequence cannot
be executed until this operation is completed. To check the completion of the read protect operation, perform
read operations repeatedly for data polling until the same data is read twice from the same address in the flash
memory. During the read protect operation, any attempts to read from the same address is reversed bit 6 of the
data (toggling between 0 and 1).
19.3 Toggle Bit (D6)
After the byte program, chip erase, and read protect command sequence is executed, any consecutive attempts to
read from the same address is reversed bit 6 (D6) of the data (toggling between 0 and 1) until the operation is com-
pleted. Therefore, this toggle bit provides a software mechanism to check the completion of each operation. Usually
perform read operations repeatedly for data polling until the same data is read twice from the same address in the
flash memory. After the byte program, chip erase, or read protect command sequence is executed, the initial read of
the toggle bit always produces a "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More