Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP86FS49AFG Fiches technique(PDF) 14 Page - Toshiba Semiconductor

No de pièce TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Fiches technique(HTML) 14 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 294 page
background image
vi
17.2 Register configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 212
17.3
Function
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 215
17.3.1 Software Start Mode ........................................................................................................................... 215
17.3.2 Repeat Mode ...................................................................................................................................... 215
17.3.3
Register Setting
................................................................................................................................ 216
17.4 STOP/SLOW Modes during AD Conversion . . . . . . . . . . . . . . . . . . . . . . . . . . . 217
17.5 Analog Input Voltage and AD Conversion Result . . . . . . . . . . . . . . . . . . . . . . . 218
17.6 Precautions about AD Converter. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219
17.6.1 Restrictions for AD Conversion interrupt (INTADC) usage ................................................................. 219
17.6.2 Analog input pin voltage range ........................................................................................................... 219
17.6.3 Analog input shared pins .................................................................................................................... 219
17.6.4 Noise Countermeasure....................................................................................................................... 219
18. Key-on Wakeup (KWU)
18.1 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221
18.2 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221
18.3 Function. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221
19. Flash Memory
19.1 Flash Memory Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 224
19.1.1 Flash Memory Command Sequence Execution Control (FLSCR<FLSMD>) ..................................... 224
19.1.2 Flash Memory Bank Select Control (FLSCR<BANKSEL>) ................................................................ 224
19.2 Command Sequence. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225
19.2.1 Byte Program...................................................................................................................................... 225
19.2.2 Sector Erase (4-kbyte Erase) ............................................................................................................. 225
19.2.3 Chip Erase (All Erase) ........................................................................................................................ 226
19.2.4 Product ID Entry ................................................................................................................................. 226
19.2.5 Product ID Exit.................................................................................................................................... 226
19.2.6 Read Protect....................................................................................................................................... 226
19.3 Toggle Bit (D6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
19.4 Access to the Flash Memory Area. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 228
19.4.1 Flash Memory Control in the Serial PROM Mode............................................................................... 228
19.4.1.1 How to write to the flash memory by executing the control program in the RAM area (in the RAM loader mode within the
serial PROM mode)
19.4.2 Flash Memory Control in the MCU mode............................................................................................ 230
19.4.2.1 How to write to the flash memory by executing a user write control program in the RAM area (in the MCU mode)
20. Serial PROM Mode
20.1 Outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 233
20.2 Memory Mapping. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 233
20.3 Serial PROM Mode Setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 234
20.3.1 Serial PROM Mode Control Pins ........................................................................................................ 234
20.3.2 Pin Function........................................................................................................................................ 234
20.3.3 Example Connection for On-Board Writing......................................................................................... 235
20.3.4 Activating the Serial PROM Mode ...................................................................................................... 236
20.4 Interface Specifications for UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 237
20.5 Operation Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 239
20.6 Operation Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 239
20.6.1 Flash Memory Erasing Mode (Operating command: F0H) ................................................................. 241
20.6.2 Flash Memory Writing Mode (Operation command: 30H) .................................................................. 243
20.6.3 RAM Loader Mode (Operation Command: 60H) ................................................................................ 246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More