| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP86CS44UG Fiches technique(PDF) 134 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86CS44UG Fiches technique(HTML) 134 Page - Toshiba Semiconductor |
|
134 / 172 page ![]() Page 124 11. Synchronous Serial Interface (SIO) 11.3 Function TMP86CS44UG Figure 11-16 Example of Transmit/Receive (Receive) Error Processing Note: If receive error is not corrected, an interrupt request does not generate after the error occurs. Figure 11-17 Hold Time of the End of Transmit/Receive Mode Writing transmit data C Writing transmit data B Writing transmit data A Unknown C B A7 A6 A A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0 C7 C6 C5 C4 C3 D7 D6 D5 D4 D3 D2 D1 D0 E7 E6 E5 E4 E3 E2 E1 E0 F7 F6 F5 F4 F3 F2 F1 F0 Start shift operation Start shift operation Start shift operation Reading received data E Reading received data D OOH E D SIOCR1<SIOS> SIOSR<SIOF> SIOSR<SEF> SCK pin output SO pin SI pin INTSIO interrupt request SIOSR<TXF> SIOSR<RXF> SIORDB SIOTDB SIOCR1<SIOINH> SIOSR<RXERR> 4/fc 8/fc tSODH tSODH < < SCK pin SIOSR<SIOF> SO pin |