Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP86CS44UG Fiches technique(PDF) 131 Page - Toshiba Semiconductor

No de pièce TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Fiches technique(HTML) 131 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 127Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 128Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 129Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 130Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 131Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 132Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 133Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 134Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 135Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 172 page
background image
Page 121
TMP86CS44UG
Figure 11-13 Example of Internal Clock and MSB Transmit/Receive Mode
A6 A5 A4 A3 A2 A1
A0
A7
B7 B6 B5 B4 B3 B2 B1
C7
B0
C6 C5 C4 C3 C2 C1 C0
C
A
B
Automatic wait
Automatic wait
Start shift
operation
Start shift
operation
Start shift
operation
Writing transmit
data A
Writing transmit
data B
D6 D5 D4 D3 D2 D1
D0
D7
E7 E6 E5 E4 E3 E2 E1
F7
E0
F6 F5 F4 F3 F2 F1 F0
Clearing SIOS
Writing transmit
data C
E
D
F
Reading received
data D
Reading received
data E
Reading received
data F
SIOCR1<SIOS>
SIOSR<SIOF>
SIOSR<SEF>
SCK
pin output
SO pin
SI pin
INTSIO
interrupt
request
SIOSR<TXF>
SIOSR<RXF>
SIORDB
SIOTDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More