| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP86CS44UG Fiches technique(PDF) 99 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86CS44UG Fiches technique(HTML) 99 Page - Toshiba Semiconductor |
|
99 / 172 page ![]() Page 89 TMP86CS44UG Note 7: The timer register settings are limited depending on the timer operating mode. For the detailed descriptions, see Table 10- 3. Note 8: The operating clock fc in the SLOW or SLEEP mode can be used only as the high-frequency warm-up mode. |