| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72682 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72682 Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 36 page ![]() Device ordering information ST72682 34/36 9 Device ordering information Table 28. Feature comparison Features added in the ST72682/R21 versus ST72682/R20 Description Continued AutoRun CDROM partition support AutoRun runs a program when the USB Flash drive is inserted into a computer. Table 29. Ordering Information Orderable part number Package Operating voltage Temperature range ST72682/R20 LQFP64 10x10mm 3.0V to 3.6V 0°C to +70 °C ST72682/R21 (latest firmware revision LQFP64 10x10mm 3.0V to 3.6V 0°C to +70 °C |