Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3422EB40U6 Fiches technique(PDF) 198 Page - STMicroelectronics

No de pièce UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Fiches technique(HTML) 198 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 194Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 195Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 196Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 197Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 198Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 199Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 200Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 201Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 293 page
background image
PSD module
uPSD34xx
198/293
Figure 70.
VM register control of memories
Figure 71.
VM register example corresponding to memory map example
28.3
PSD module data bus width
The PSD Module functions as an 8-bit device to the MCU Module except when the PFQ is
fetching instructions from the Flash memory. When PSEN is active, the PSD Module always
drives 16-bit data out onto the bus.
DPLD
Main Flash
Memory
Secondary
Flash
Memory
CS
CS
FS0 - FS7
CSBOOT0 - CSBOOT3
WR
VM REG BIT 4
VM REG BIT 3
VM REG BIT 1
VM REG BIT 2
RD
WR
OE
WR
OE
8032 Address
53 Other PLD Inputs
PSEN
AI10455
DPLD
Main Flash
Memory
Secondary
Flash
Memory
CS
CS
FS0 - FS7
CSBOOT0 - CSBOOT3
WR
OE
WR
OE
8032 Address
53 Other PLD Inputs
WR
PSEN
RD
VM Register = 0Ch
AI10456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More