Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3422EB40U6 Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 50Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 51Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 52Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 53Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 54Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 55Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 56Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 57Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 293 page
background image
Interrupt system
uPSD34xx
54/293
Note:
1
See USB interrupt flag registers UIF0-3.
Figure 13.
Enabling and polling interrupts
PCA
11
005Bh
OFVx, INTFx
(PCASTA[0:7])
No
EPCA (IEA.5)
PPCA (IPA.5)
UART1
12 (low) 004Bh
RI (SCON1.0)
TI (SCON1.1)
No
ES1 (IEA.4)
PS1 (IPA.4)
Interrupt
Source
Polling
Priority
Vecto
r Addr
Flag Bit Name
(SFR.bit
position)
1 = Intr
Pending
0 = No
Interrupt
Flag Bit
Auto-
Cleared
by
Hardware?
Enable Bit Name
(SFR.bit
position)
1 = Intr Enabled
0 = Intr Disabled
Priority Bit
Name
(SFR.bit
position)
1= High Priority
0 = Low Priority
Reserved
Ext
INT0
Ext
INT1
Timer 0
UART0
Timer 1
SPI
USB
Timer 2
High
Low
Interrupt
Sources
IE/IEA
IP/IPA
Priority
Global
Enable
ADC
PCA
I
2C
UART1
AI07844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More