Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3422EB40U6 Fiches technique(PDF) 129 Page - STMicroelectronics

No de pièce UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Fiches technique(HTML) 129 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 125Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 126Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 127Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 128Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 129Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 130Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 131Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 132Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 293 page
background image
uPSD34xx
I2C interface
129/293
Set global variables to indicate Master-Xmitter
–
I2C_master = 1, I2C_xmitter = 0
Disable Master from returning an ACK
–
SFR S1CON.AA = 0
Enable I2C SIOE
–
SFR S1CON.INI1 = 1
Transmit Address and R/W bit = 1 to Slave
–
Is bus not busy? (SFR S1STA.BBUSY = 0?)
<If busy, then test until not busy>
–
SFR S1DAT[7:0] = Load Slave Address # 01h
–
SFR S1CON.STA = 1, send START on bus
<bus transmission begins>
Enable All Interrupts and go do something else
–
SFR IE.EA = 1
Slave-Transmitter
Disable all interrupts
–
SFR IE.EA = 0
Set pointer to global data xmit buffer, set count
–
*xmit_buf = *pointer to data
–
buf_length = number of bytes to xmit
Set global variables to indicate Master-Xmitter
–
I2C_master = 0, I2C_xmitter = 1
Enable SIOE
–
SFR S1CON.INI1 = 1
Prepare to Xmit first data byte
–
SFR S1DAT[7:0] = xmit_buf[0]
Enable All Interrupts and go do something else
–
SFR IE.EA = 1
Slave-Receiver
Disable all interrupts
–
SFR IE.EA = 0
Set pointer to global data recv buffer, set count
–
*recv_buf = *pointer to data
–
buf_length = number of bytes to recv
Set global variables to indicate Master-Xmitter
–
I2C_master = 0, I2C_xmitter = 0
Enable SIOE
–
SFR S1CON.INI1 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More