| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP89FS60 Fiches technique(PDF) 327 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Fiches technique(HTML) 327 Page - Toshiba Semiconductor |
|
327 / 410 page ![]() Page 313 TMP89FS60 RA003 abled). To access the flash memory using the RAM loader mode and a method other than the UART, therefore, port inputs must be set to "enable". To enable the SCLK0 port input, set SPCR<PIN0> to "1". To enable port inputs other than RXD0, TXD0 and SCLK0 port inputs, set SPCR<PIN1> to "1". In MCU mode, the SPCR register does not function. |