| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP89FS60 Fiches technique(PDF) 306 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Fiches technique(HTML) 306 Page - Toshiba Semiconductor |
|
306 / 410 page ![]() Page 292 19. Key-on Wakeup (KWU) 19.1 Configuration TMP89FS60 RA000 Example :A case in which STOP mode is started with the release level of the STOP pin set to a high level and the release level of KWI0 set to a low level (connected to an internal pull-up resistor of the KWI0 pin) DI ; IMF ←0 SET (P4PU).0 ; KWI0 (P40) connected to a pull-up resistor LD (KWUCR0), 00000001B ; the KWI0 pin is set to enable inputs, and its release level is set to a low level. LD (SYSCR1), 10100000B ; Starting in level release mode |