| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP89FS60 Fiches technique(PDF) 127 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Fiches technique(HTML) 127 Page - Toshiba Semiconductor |
|
127 / 410 page ![]() Page 113 TMP89FS60 RA005 8.3.7 Port P8 (P84 to P80) Figure 8-9 Port P8 Port P8 is a 5-bit input/output port that can be set to input or output for each bit individually, and it is also used as the timer counter input/output. Table 8-16 Port P8 P84 P83 P82 P81 P80 Secondary function ----- - PPG03 PWM03 TC03 PPG02 PWM02 TC02 0 1 S Output latch (for each bit) P8DR write P8i R Note1 : R = 100 Ω (typ.) PPG03, PPG02, PWM03, PWM02 TC03, TC02 P8PRD read Function control (for each bit) Input/output control (for each bit) P8FC write P8CR write VDD Functions enclosed by the dotted line are for P81 and P80 only. TC03 TC02 Peripheral functions SYSCR1<STOP> SYSCR1<OUTEN> Reset signal Note2 : i = 0 to 4 |