| Moteur de recherche de fiches techniques de composants électroniques |
|
TMPR3916 Fiches technique(PDF) 43 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3916 Fiches technique(HTML) 43 Page - Toshiba Semiconductor |
|
43 / 225 page ![]() Chapter 1 The TMPR3916 Preliminary 1-6 1.5 Address Map The following table shows the memory map of TMPR3916. Memory Area of TX39-CPU Physical Address Memory Device Special Use in TMPR3916 Kernel Uncached/ Cached (kseg0, kseg1) 0x0000 0000 SDRAM, SRAM, ROM * interrupt vector at 0x0000 0080 0x1C00 0000 internal register devices of TMPR3916 0x1E00 0000 SDRAM, SRAM, ROM * 0x1FC0 0000 Boot ROM start address after reset or NMI Inaccessible 0x2000 0000 User / Kernel Cached (kuseg) 0x4000 0000 SDRAM, SRAM, ROM * User / Kernel Uncached (kuseg - reserved) 0xBF00 0000 Kernel Cached (kseg2) 0xC000 0000 Kernel Uncached (kseg2 - reserved) 0xFF00 0000 Figure 1.5.1 TMPR3916’s Memory Map * For SDRAM, SRAM or ROM shown in the above table, the software can define the address range of the connected memory devices. For further information see chapter "Memory Controller". |