Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLM75DS2F Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STLM75DS2F
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75DS2F Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STLM75DS2F Datasheet HTML 6Page - STMicroelectronics STLM75DS2F Datasheet HTML 7Page - STMicroelectronics STLM75DS2F Datasheet HTML 8Page - STMicroelectronics STLM75DS2F Datasheet HTML 9Page - STMicroelectronics STLM75DS2F Datasheet HTML 10Page - STMicroelectronics STLM75DS2F Datasheet HTML 11Page - STMicroelectronics STLM75DS2F Datasheet HTML 12Page - STMicroelectronics STLM75DS2F Datasheet HTML 13Page - STMicroelectronics STLM75DS2F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Operation
STLM75
10/37
2
Operation
After each temperature measurement and analog-to-digital conversion, the STLM75 stores
the temperature as a 16-bit two’s complement number (see Table 5: Register pointers
selection summary on page 17) in the 2-byte Temperature register (see Table 7 on
page 18). The most significant Bit (S) indicates if the temperature is positive or negative:
●
for positive numbers S = 0, and
●
for negative numbers S = 1.
The most recently converted digital measurement can be read from the Temperature
register at any time. Since temperature conversions are performed in the background,
reading the Temperature register does not affect the operation in progress.
The temperature data is provided by the 9 MSBs (Bits 15 through 7). Bits 6 through 0 are
unused. Table 3 on page 15 gives examples of the digital output data and corresponding
temperatures. The data is compared to the values in the TOS and THYS registers, and then
the OS is updated based on the result of the comparison and the operating mode.
The alarm fault tolerance is controlled by the FT1 and FT0 Bits in the Configuration register.
They are used to set up a fault queue. This prevents false tripping of the OS/INT pin when
the STLM75 is used in a noisy environment (see Table3 on page15).
The active state of the OS output can be changed via the Polarity Bit (POL) in the
Configuration register. The power-up default is active-low.
If the user does not wish to use the thermostat capabilities of the STLM75, the OS output
should be left floating.
Note:
If the thermostat is not used, the TOS and THYS registers can be used for general storage of
system data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37