Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLM75DS2F Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STLM75DS2F
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75DS2F Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STLM75DS2F Datasheet HTML 3Page - STMicroelectronics STLM75DS2F Datasheet HTML 4Page - STMicroelectronics STLM75DS2F Datasheet HTML 5Page - STMicroelectronics STLM75DS2F Datasheet HTML 6Page - STMicroelectronics STLM75DS2F Datasheet HTML 7Page - STMicroelectronics STLM75DS2F Datasheet HTML 8Page - STMicroelectronics STLM75DS2F Datasheet HTML 9Page - STMicroelectronics STLM75DS2F Datasheet HTML 10Page - STMicroelectronics STLM75DS2F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
STLM75
Summary description
7/37
1.2
Temperature sensor output
The STLM75 Temperature Sensor has a dedicated open drain Over-Limit Signal/Interrupt
(OS/INT) output which features a thermal Alarm function. This function provides a user-
programmable trip and turn-off temperature. It can operate in either of two selectable
modes:
●
Comparator mode, and
●
Interrupt mode.
At power-up the STLM75 immediately begins measuring the temperature and converting the
temperature to a digital value.
The measured temperature value is compared with a temperature limit (which is stored in
the 16-bit (TOS) READ/WRITE register), and the hysteresis temperature (which is stored in
the 16-bit (THYS) READ/WRITE register). If the measured value exceeds these limits, the
OS/INT pin is activated (see Figure 3 on page 8 and Table 2 on page 14).
Note:
See Pin descriptions on page 9 for details.
Figure 1.
Logic Diagram
1.
SDA and OS/INT are open drain.
AI11899
SDA(1)
VDD
STLM75
GND
SCL
OS/INT(1)
A0
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37