Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1329C Fiches technique(PDF) 16 Page - ams AG

No de pièce AS1329C
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1329C Fiches technique(HTML) 16 Page - ams AG

Back Button AS1329C Datasheet HTML 9Page - ams AG AS1329C Datasheet HTML 10Page - ams AG AS1329C Datasheet HTML 11Page - ams AG AS1329C Datasheet HTML 12Page - ams AG AS1329C Datasheet HTML 13Page - ams AG AS1329C Datasheet HTML 14Page - ams AG AS1329C Datasheet HTML 15Page - ams AG AS1329C Datasheet HTML 16Page - ams AG AS1329C Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
16 - 17
AS1329
Data Sheet - Or dering Informati on
11 Ordering Information
The device is available as the standard products listed in Table 8.
Table 8. Ordering Information
Model
Marking
Descriptiom
Delivery Form
Package
AS1329A-BTTT
ASPA
Low Voltage, Micropower, DC-DC Step-Up
Converter with Automatic Powersave Operation
beginning at Medium Loads
Tape and Reel
6-pin TSOT-23
AS1329B-BTTT
ASPB
Low Voltage, Micropower, DC-DC Step-Up
Converter with Automatic Powersave Operation
beginning at Light Loads
Tape and Reel
6-pin TSOT-23
AS1329C-BTTT
ASPC
Low Voltage, Micropower, DC-DC Step-Up
Converter with Continuous Switching
Tape and Reel
6-pin TSOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17