Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1329C Fiches technique(PDF) 7 Page - ams AG

No de pièce AS1329C
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1329C Fiches technique(HTML) 7 Page - ams AG

Back Button AS1329C Datasheet HTML 3Page - ams AG AS1329C Datasheet HTML 4Page - ams AG AS1329C Datasheet HTML 5Page - ams AG AS1329C Datasheet HTML 6Page - ams AG AS1329C Datasheet HTML 7Page - ams AG AS1329C Datasheet HTML 8Page - ams AG AS1329C Datasheet HTML 9Page - ams AG AS1329C Datasheet HTML 10Page - ams AG AS1329C Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
7 - 17
AS1329
Data Sheet - Deta iled Description
8 Detailed Description
The AS1329 can operate from a single-cell input voltage (VIN) below 1V, and features fixed frequency (1.2MHz) and
current mode PWM control for exceptional line- and load-regulation. With low RDS(ON) and gate charge internal NMOS
and PMOS switches, the device maintains high-efficiency from light to heavy loads.
Modern portable devices frequently spend extended time in low-power or standby modes, switching to high power-
drain only when certain functions are enabled. The AS1329A, AS1329B and AS1329C are ideal for portable devices
since they maintain high-power conversion efficiency over a wide output power range, thus increasing battery life in
these types of devices.
In addition to high-efficiency at moderate and heavy loads, the AS1329A as well as the AS1329B includes an auto-
matic powersave mode that improves efficiency of the power converter at light loads. The powersave mode is initiated
if the output load current falls below a factory programmed threshold (see Figure 3 on page 5).
Note: The AS1329C does not support powersave mode and provides continuous operation at all loads, eliminating
low-frequency VOUT ripple at the expense of light load efficiency.
Figure 15. Block Diagram
Low-Voltage Start-Up
The AS1329 requires VIN of only 0.85V (typ) or higher to start up. The low-voltage start-up circuitry controls the internal
NMOS switch up to a maximum peak inductor current of 850mA (typ), with 1.5ms (approx.) off-time during start-up,
allowing the devices to start up into an output load.
With a VOUT > 2.3V, the start-up circuitry is disabled and normal fixed-frequency PWM operation is initiated. In this
mode, the AS1329 operates independent of VIN, allowing extended operating time as the battery can drop to several
tenths of a volt without affecting output regulation. The limiting factor for the application is the ability of the battery to
supply sufficient energy to the output.
AS1329
+
–
Start Up
OSC
PWM
Control
A/B
MUX
Slope
Compensator
1.2MHz
Ramp
Generator
+
–
Powersave
Operation
Control
–
Shutdown
Control
PWM
Comp
Σ
+
–
1.23V
Ref
Sync Drive
Control
A
B
VOUT
Good
2.3V
gm Error
Amp
Shutdown
Powersave
0.35
Ω
0.45
Ω
R2
640k
Ω
1%
R1
1.02M
Ω
1%
CFF*
COUT
4.7µF
3.3V
Output
CIN
1µF
1.5V
Single
Cell
* Optional
Current
Sense
RC
80k
Ω
CP2
2.5pF
CC
150pF
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT
L1
4.7µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17