Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9541BS/03 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce PCA9541BS/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541BS/03 Fiches technique(HTML) 3 Page - NXP Semiconductors

  PCA9541BS/03 Datasheet HTML 1Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 2Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 3Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 4Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 5Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 6Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 7Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 8Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
PCA9541_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 1 October 2007
3 of 43
NXP Semiconductors
PCA9541
2-to-1 I2C-bus master selector with interrupt logic and reset
4.
Ordering information
[1]
The PCA9541/02 version is being discontinued as of December 2007 and customers should use PCA9541/01.
5.
Marking
Table 1.
Ordering information
Tamb = −40 °C to +85 °C
Type number
Package
Name
Description
Version
PCA9541D/01
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9541PW/01
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
PCA9541BS/01
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads; 16 terminals;
body 4
× 4 × 0.85 mm
SOT629-1
PCA9541D/02[1]
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9541PW/02[1] TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
PCA9541BS/02[1]
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads; 16 terminals;
body 4
× 4 × 0.85 mm
SOT629-1
PCA9541D/03
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9541PW/03
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
PCA9541BS/03
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads; 16 terminals;
body 4
× 4 × 0.85 mm
SOT629-1
Table 2.
Marking codes
Type number
Topside mark
PCA9541D/01
PCA9541D/01
PCA9541PW/01
9541/01
PCA9541BS/01
41/1
PCA9541D/02
PCA9541D/02
PCA9541PW/02
9541/02
PCA9541BS/02
41/2
PCA9541D/03
PCA9541D/03
PCA9541PW/03
9541/03
PCA9541BS/03
41/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43