Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9541BS/03 Fiches technique(PDF) 28 Page - NXP Semiconductors

No de pièce PCA9541BS/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541BS/03 Fiches technique(HTML) 28 Page - NXP Semiconductors

Back Button PCA9541BS/03 Datasheet HTML 24Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 25Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 26Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 27Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 28Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 29Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 30Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 31Page - NXP Semiconductors PCA9541BS/03 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
PCA9541_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 1 October 2007
28 of 43
NXP Semiconductors
PCA9541
2-to-1 I2C-bus master selector with interrupt logic and reset
10.5 Bus initialization/recovery to initialize slaves without hardware reset
If the I2C-bus is hung, I2C-bus devices without a hardware reset pin (for example, Slave 1
and Slave 2 in Figure 22) can be isolated from the master by the PCA9541/03. The
PCA9541/03 disconnects the bus when it is reset via the hardware reset line, restoring the
master's control of the rest of the bus (for example, Slave 0). The bus master can then
command the PCA9541/03 to send 9 clock pulses/STOP condition to reset the
downstream I2C-bus devices before they are reconnected to the master or leave the
downstream devices isolated.
Fig 21. Gatekeeper multiplexer application
002aab615
Z
A
Z
B
Z
C
Z
D
Z
E
Z
F
Z
G
Z
H
Fig 22. Bus initialization/recovery application
002aab616
PCA9541/03
SLAVE 1
SDA
SCL
SLAVE 2
slave I2C-bus
MASTER
SLAVE 0
RESET
SDA/SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43