Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89CV51RB2FBC Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce P89CV51RB2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RB2FBC Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button P89CV51RB2FBC Datasheet HTML 9Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 10Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 11Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 12Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 13Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 14Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 15Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 16Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
P89CV51RB2_RC2_RD2_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 5 October 2007
13 of 73
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
The DPTR points to location 0A0H and the data in the accumulator is written to address
0A0H of the expanded RAM rather than off-chip external memory. Access to EXTRAM
addresses that are not present on the device (above 2FFH) will access external off-chip
memory and will perform in the same way as the standard 8051, with P0 and P2 as
data/address bus, and P3[6] and P3[7] as write and read timing signals.
When EXTRAM = 0, MOVX @Ri and MOVX @DPTR will be similar to the standard 8051.
Using MOVX @Ri provides an 8-bit address with multiplexed data on Port 0. Other output
port pins can be used to output higher order address bits. This provides external paging
capabilities. Using MOVX @DPTR generates a 16-bit address. This allows external
addressing up to 64 kB. Port 2 provides the high-order eight address bits (DPH), and
Port 0 multiplexes the low-order eight address bits (DPL) with data. Both MOVX @Ri and
MOVX @DPTR generates the necessary read and write signals (P3[6] - WR and P3[7] -
RD) for external memory use. Table 7 shows external data memory RD, WR operation
with EXTRAM bit.
The stack pointer (SP) can be located anywhere within the 256 B of internal RAM (lower
128 B and upper 128 B). The stack pointer may not be located in any part of the expanded
RAM.
Table 6.
AUXR - Auxiliary function register (address 8EH) bit description
Bit
Symbol
Description
7 to 2
-
Reserved for future use. Should be set to 0 by user programs.
1
EXTRAM
Internal/external RAM access using MOVX @Ri/@DPTR. When 1,
accesses internal XRAM with address specified in MOVX instruction.
If address supplied with this instruction exceeds on-chip available
XRAM, off-chip RAM is accessed. When 0, every MOVX instruction
targets external data memory by default.
0
AO
ALE off: disables/enables ALE. AO = 0 results in ALE emitted at a
constant rate of 1
⁄
2 the oscillator frequency. In case of AO = 1, ALE is
active only during a MOVX or MOVC.
Table 7.
External data memory RD, WR with EXTRAM bit
AUXR
MOVX @DPTR, A or MOVX A, @DPTR
MOVX @Ri, A or MOVX A, @Ri
ADDR < 0300H
ADDR
≥ 0300H
ADDR = any
EXTRAM = 0
RD/WR asserted
RD/WR asserted
RD/WR asserted
EXTRAM = 1
RD/WR not asserted
RD/WR asserted
RD/WR not asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73