Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89CV51RB2FBC Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce P89CV51RB2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RB2FBC Fiches technique(HTML) 3 Page - NXP Semiconductors

  P89CV51RB2FBC Datasheet HTML 1Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 2Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 3Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 4Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 5Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 6Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 7Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 8Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
P89CV51RB2_RC2_RD2_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 5 October 2007
3 of 73
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
4.
Block diagram
Fig 1.
Block diagram
HIGH PERFORMANCE
80C51 CPU
16 kB/32 kB/64 kB
CODE FLASH
1 kB
DATA RAM
PORT 1
PORT 0
OSCILLATOR
internal
bus
CRYSTAL
OR
RESONATOR
002aac960
UART
PCA
PROGRAMMABLE
COUNTER ARRAY
PORT 2
TIMER 2
TIMER 0
TIMER 1
SPI
XTAL1
XTAL2
WATCHDOG TIMER
PORT 3
P3[7:0]
P2[7:0]
P1[7:0]
P0[7:0]
TXD
RXD
T0
SPICLK
MOSI
MISO
SS
T1
T2
T2EX
CEX[4:0]
P89CV51RB2/RC2/RD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73