| Moteur de recherche de fiches techniques de composants électroniques |
|
PEX8533 Fiches technique(PDF) 4 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8533 Fiches technique(HTML) 4 Page - PLX Technology |
|
4 / 4 page ![]() PLX Confidential Development Tools PLX is offering hardware and software tools (PEX 8533 RDK) to enable rapid customer design activity. These tools are bundled in a Rapid Development Kit (RDK). The RDK consists of hardware, hardware documentation and a Software Development Kit (SDK). Figure 6. PEX 8533 RDK The PEX 8533 RDK offers a x16 upstream port, one x8 downstream port, and two x4 downstream ports. The PEX 8533 RDK board can be installed on a motherboard, used as a riser card, or configured as a bench-top board. The PEX 8533 RDK can be used to test and validate customer software. Additionally, it can be used as an evaluation vehicle for PEX 8533 features and benefits. The PEX 8533 RDK provides everything that a user needs to get their hardware and software development started. SDK The SDK tool set includes: - GUI to use and configure the switch - Linux and Windows drivers - C/C++ Source code, Objects, libraries - User’s Guides, Application examples, Tutorials PLX Technology, Inc. 870 Maude Ave. Sunnyvale, CA 94085 USA Tel: 1-800-759-3735 Tel: 1-408-774-9060 Fax: 1-408-774-2169 Email: info@plxtech.com Web Site: www.plxtech.com Product Ordering Information Part Number Description PEX8533-AA25BI 32-Lane PCI Express Switch PEX8533-AA25BI G 32-Lane PCI Express Switch, Pb-free PEX 8533-AA RDK PEX 8533 Rapid Development Kit w/ x16 Connector Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for sampling. © 2007 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX Technology, Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification. PEX8533-SIL-PB-P1-1.2 01/07 HD Power Connector Port 0 - x16 PERST# Midbus Site (Upstream Port) Midbus Site PORT 8 - X8 PORT 10 - X4 PORT 9 - X4 Port 0, 1, & 2 Status LEDs Port 8 Status LED Manual Reset HotPlug Ckt RefClk EEPROM EEPROM EEPROM EEPROM PEX 8533 PEX 8533 Port 10 Status LED Port 9 Status LED DIP Switch for Config DIP Switch for Config DIP Switch for Config DIP Switch for Config JTAG JTAG JTAG JTAG |